Part Number Hot Search : 
00R12K C5532 P18N50 CEB6020P P6KE51 F1206 AN7560Z 1772845
Product Description
Full Text Search
 

To Download 2SK2198 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
VX-2 Series Power MOSFET
N-Channel Enhancement type
2SK2198
(F30Z50VX2)
500V 30A
FEATURES
Input capacitance (Ciss) is small.
OUTLINE DIMENSIONS
Case :: MTO-3L Case E-pack (Unit : mm)
Especially, input capacitance at 0 biass is small. The static Rds(on) is small. The switching time is fast. APPLICATION
Switching power supply of AC 100V input High voltage power supply Inverter
RATINGS
Absolute Maximum Ratings Tc = 25 Item Symbol Conditions Tstg Storage Temperature Tch Channel Temperature VDSS Drain-Source Voltage Gate-Source Voltage VGSS ID Continuous Drain CurrentDC IDP Continuous Drain CurrentPeak) IS Continuous Source CurrentDC Total Power Dissipation PT IAS Single Pulse Avalanche Current Tch = 25 TOR Recommended torque : 0.5Nm Mounting Torque Ratings -55150 150 500 30 30 90 30 220 30 0.8 Unit V
A W A Nm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
VX-2 Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH VSD Source-Drain Diode Forwade Voltage jc Themal Resistance Qg Total Gate Charge Ciss Input Capacitance Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton toff Turn-Off Time Conditions
2SK2198 ( F30Z50VX2 )
Min. 500 Typ. Max. 250 0.1 9 2.5 20 0.16 3.0 Unit V A
ID = 1mA, VGS = 0V VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V ID = 15A, VDS = 10V ID = 15A, VGS = 10V ID = 3mA, VDS = 10V IS = 15A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 30A VDS = 10V, VGS = 0V, f = 1MHZ ID = 15A, VGS = 10V, RL = 10
125 3700 230 770 200 500
S 0.23 3.5 V 1.5 0.568 / nC pF 375 900 ns
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2198
60 Tc = -55C 50
Transfer Characteristics
25C 100C
150C
Drain Current ID [A]
40
30
20
10
0
VDS = 25V pulse test TYP 0 5 10 15 20
Gate-Source Voltage VGS [V]
2SK2198
1
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
ID = 15A
0.1
0.01
VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2198
5
Gate Threshold Voltage
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 3mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2198
100
Safe Operating Area
100s 10 200s R DS(ON) limit 1ms
Drain Current ID [A]
1
10ms DC
Tc = 25C Single Pulse 0.1 1 10 100 1000
Drain-Source Voltage VDS [V]
2SK2198
Transient Thermal Impedance
10
1
0.1
Transient Thermal Impedance jc(t) [C/W]
0.01
0.001 10-4 10-3
10-2
10-1
100
101
Time t [s]
2SK2198
10000
Capacitance
Ciss
Capacitance Ciss Coss Crss [pF]
1000
Coss
100
Crss
Tc=25C TYP 10 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
2SK2198
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]
2SK2198
500
Gate Charge Characteristics
20
Drain-Source Voltage VDS [V]
15 VDD = 400V 300 VDS 200V 100V 10 200 VGS
5 100
ID = 30A 0 0 50 100 150 0 200
Gate Charge Qg [nC]
Gate-Source Voltage VGS [V]
400


▲Up To Search▲   

 
Price & Availability of 2SK2198

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X